Part Number Hot Search : 
FRK9150H 2SK2328 MIC5268 6M321VT 300R1 WF050B IRG4BC30 SI2337DS
Product Description
Full Text Search
 

To Download HD74ALVC2G53 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74ALVC2G53
2-channel Analog Multiplexer Demultiplexer
ADE-205-636B (Z) Rev. 2 Oct. 2001 Description
The HD74ALVC2G53 has 2-channel analog multiplexer / demultiplexer in a 8 pin package. Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for analog to digital and digital to analog conversion systems. Low voltage and high speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.
Features
* The basic gate function is lined up as hitachi uni logic series. * Supplied on emboss taping for high speed automatic mounting. * Supply voltage range : 1.2 to 3.6 V Operating temperature range : -40 to +85C * All control input VIH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V) * Package type
Package type SSOP-8 pin Package code TTP-8DB Package suffix US Taping code E (3,000 pcs / Reel)
HD74ALVC2G53
Outline and Article Indication
* HD74ALVC2G53
Index band Lot No.
YMW A53
SSOP-8 Type No.
Y : Year code (the last digit of year) M : Month code W : Week code
Function Table
Control inputs INH H L L H: L: X: High level Low level Immaterial A X H L On channel None Y1 Y0
Rev.2, Oct. 2001, page 2 of 14
HD74ALVC2G53
Pin Arrangement
COM
1
8
VCC
INH
2
O
C
I
7
Y0
GND
3
O
C
I
6
Y1
GND
4
5
A
(Top view)
Rev.2, Oct. 2001, page 3 of 14
HD74ALVC2G53
Absolute Maximum Ratings
Item Supply voltage range Input voltage range
*1 *1, 2
Symbol VCC VI VO IIK IOK IO ICC or IGND PT Tstg
Ratings -0.5 to 4.6 -0.5 to 4.6 -0.5 to VCC+0.5 -50 50 50 100 200 -65 to 150
Unit V V V mA mA mA mA mW C
Conditions
Output voltage range Input clamp current Output clamp current
Output : H or L VI < 0 VO < 0 or VO > VCC VO = 0 to VCC
Continuous output current Continuous current through VCC or GND Maximum power dissipation *3 at Ta = 25C (in still air) Storage temperature Notes:
The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 4.6 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150C.
Recommended Operating Conditions
Item Supply voltage range Input voltage range Input / output voltage range Input transition rise or fall rate Symbol VCC VI VI/O t / v Ta Min 1.2 0 0 0 0 Operating free-air temperature -40 Note: Unused or floating inputs must be held high or low. Max 3.6 3.6 VCC 20 10 85 C Unit V V V ns / V VCC = 1.2 to 2.7 V VCC = 3.30.3 V Conditions
Rev.2, Oct. 2001, page 4 of 14
HD74ALVC2G53
Electrical Characteristics
Item Symbol VCC (V) 1.2
1.4 to 1.6 1.65 to 1.95 2.3 to 2.7 3.0 to 3.6
Ta=25C Min 14 29 12 21 10 17 8 13 7 11 280 125 55 20 13 1.0 0.8 25 35 17 27 11 18 9.5
Ta=-40 to 85C Typ Max
VCCx0.25 VCCx0.3 VCCx0.3 VCCx0.75 VCCx0.7 VCCx0.7
Unit
Test conditions
Typ Max Min
Input voltage
VIH
V
Control input only

1.7 2.0
VIL
1.2
1.4 to 1.6 1.65 to 1.95 2.3 to 2.7 3.0 to 3.6
0.7 0.8 30 40 20 30 13 20 10 15.5 350 150 35 20 15 VI = 0 V, IO = 1 mA VI = 1.2 V, IO = 1 mA VI = 0 V, IO = 2 mA VI = 1.4 V, IO = 2 mA VI = 0 V, IO = 4 mA VI = 1.65 V, IO = 4 mA VI = 0 V, IO = 8 mA VI = 2.3 V, IO = 8 mA VI = 0 V, IO = 24 mA VI = 3.0 V, IO = 24 mA IO = 1 mA IO = 2 mA IO = 4 mA IO = 8 mA IO = 24 mA IO = 1 mA IO = 2 mA
On-state switch resistance
RON
1.2




1.4

1.65

2.3

3.0

14.5 250 110 30 18 12
Peak on resistance
RON (p)
1.2 1.4 1.65 2.3 3.0

Difference of on-state
RON
1.2 1.4
Rev.2, Oct. 2001, page 5 of 14
HD74ALVC2G53
Electrical Characteristics (cont)
Item Symbol VCC (V) 1.65 2.3 3.0 IS (OFF) 3.6 Ta=25C Min resistance between switches Off-state switch leakage current Ta=-40 to 85C Typ Max 12 9 4 1.0 A Unit Test conditions IO = 4 mA IO = 8 mA IO = 24 mA VIN = VCC, VOUT = GND or VIN = GND, VO = VCC, VC = VIL VIN = VCC or GND VC = VIH VIN = 3.6 V or GND VIN = VCC or GND Typ Max Min 0.6 0.5 0.2 9 5 3
0.1
On-state switch leakage current Input current Quiescent supply current Control input capacitance Switch terminal capacitance Feedthrough capacitance
IS (ON) IIN ICC CIC CIN / OUT CIN-OUT
3.6 0 to 3.6 3.6

4.5 5.5 0.2
0.1 0.1

1.0 1.0 10
A A A pF pF pF
Rev.2, Oct. 2001, page 6 of 14
HD74ALVC2G53
Switching Characteristics
(Ta = -40 to 85C) * VCC = 1.2 V
Symbol tPLH tPHL tZH tZL tHZ tLZ Min Typ 0.4 6.5 7.2 Max Unit ns ns ns Test conditions CL = 15 pF CL = 15 pF CL = 15 pF FROM (Input)
COM or Yn
Item Propagation *1 delay time Enable time Disable time
TO (Output)
Yn or COM COM or Yn COM or Yn
INH INH
*
VCC = 1.50.1 V
Symbol tPLH tPHL tZH tZL tHZ tLZ Min 2.0 2.0 Typ Max 0.3 9.0 10.0 Unit ns ns ns Test conditions CL = 15 pF CL = 15 pF CL = 15 pF FROM (Input)
COM or Yn
Item Propagation *1 delay time Enable time Disable time
TO (Output)
Yn or COM COM or Yn COM or Yn
INH INH
*
VCC = 1.80.15 V
Symbol tPLH tPHL tZH tZL tHZ tLZ Min 1.5 1.5 Typ Max 0.48 7.0 8.0 Unit ns ns ns Test conditions CL = 30 pF CL = 30 pF CL = 30 pF FROM (Input)
COM or Yn
Item Propagation *1 delay time Enable time Disable time
TO (Output)
Yn or COM COM or Yn COM or Yn
INH INH
Rev.2, Oct. 2001, page 7 of 14
HD74ALVC2G53
Switching Characteristics (cont)
* VCC = 2.50.2 V
Symbol tPLH tPHL tZH tZL tHZ tLZ Min 1.0 1.0 Typ Max 0.35 5.0 6.0 Unit ns ns ns Test conditions CL = 30 pF CL = 30 pF CL = 30 pF FROM (Input)
COM or Yn
Item Propagation *1 delay time Enable time Disable time
TO (Output)
Yn or COM COM or Yn COM or Yn
INH INH
*
VCC = 3.30.3 V
Symbol tPLH tPHL tZH tZL tHZ tLZ Min 1.0 1.0 Typ Max 0.3 4.0 5.0 Unit ns ns ns Test conditions CL = 30 pF CL = 30 pF CL = 30 pF FROM (Input)
COM or Yn
Item Propagation *1 delay time Enable time Disable time Note:
TO (Output)
Yn or COM COM or Yn COM or Yn
INH INH
1. The propagation delay time is calculated by the RC (on-resistance and load capacitance) time constant.
Operating Characteristics
(Ta = 25C)
Item Power dissipation capacitance Symbol CPD VCC (V) 1.5 1.8 2.5 3.3 Min Typ 11.5 11.5 12.5 14.0 Max Unit pF Test conditions f = 10 MHz
Rev.2, Oct. 2001, page 8 of 14
HD74ALVC2G53
Test Circuit
* R ON
VCC VC =VIH VCC VIN =VCC (ON) GND VOUT R ON =
VIN-OUT 10 -3
()
+
1.0 mA
-
V
VIN - V OUT
* IS (off), IS (on)
VCC VC =VIL VCC A VIN =VCC or GND (OFF) GND VOUT =GND or VCC VIN =VCC or GND A VC =VIH VCC (ON) GND VOUT OPEN VCC
Rev.2, Oct. 2001, page 9 of 14
HD74ALVC2G53
* tPLH , t PHL
VCC VC =VIH VCC VIN (ON) GND CL RL VOUT
Switch input
tr 90% 90% Vref Vref
tf VIH 10% t PHL GND VOH VOL
10%
Switch output
t PLH
Vref
Vref
Symbol RL CL
V CC = 1.2 V, V = 2.50.2 V, V = 1.80.15 V CC 1.50.1 V CC 3.30.3 V 2.0 k 15 pF 1.0 k 30 pF 500 30 pF
Symbol tr / t f V IH V ref
V CC = 1.2 V, 1.50.1 V, V CC = 2.50.2 V 1.80.15 V 2.0 ns VCC 50% 2.5 ns VCC 50%
V CC = 3.30.3 V 2.5 ns 2.7 V 1.5 V
Rev.2, Oct. 2001, page 10 of 14
HD74ALVC2G53
* tZH ,tZL / tHZ ,tLZ
VCC VCCx2 or 6.0 V VC RL VIN VCC GND VOUT CL RL
Control input
tr 90% Vref t ZL 90% Vref
tf VIH 10% t LZ VOH Vref VL t HZ Vref VH VOH VOL GND
S1
S2 RL
10%
Switch output
VOL
t ZH
S1 S2 V CC = 1.2 V, V CC = 1.2 V, 1.50.1 V, 1.50.1 V, Symbol V = 3.30.3 V V = 3.30.3 V 1.80.15 V, CC 1.80.15 V, CC 2.50.2 V 2.50.2 V tHZ / tZH tLZ / tZL VCC GND VCC GND GND VCCx2 GND 6.0 V
Symbol RL CL
V CC = 1.2 V, V = 2.50.2 V, V = 1.80.15 V CC 1.50.1 V CC 3.30.3 V 2.0 k 15 pF 1.0 k 30 pF 500 30 pF
Symbol tr / t f V IH V ref VH / VL
V CC = 1.2 V, V = 1.80.15 V V CC = 2.50.2 V 1.50.1 V CC 2.0 ns VCC 50% 2.0 ns VCC 50% 2.5 ns VCC 50%
V CC = 3.30.3 V 2.5 ns 2.7 V 1.5 V VH = VOH-0.3 V VL = VOL+0.3 V
VH = VOH-0.1 V VH = VOH-0.15 V VH = VOH-0.15 V VL = VOL+0.1 V VL = VOL+0.15 V VL = VOL+0.15 V
Rev.2, Oct. 2001, page 11 of 14
HD74ALVC2G53
* CIN/OUT , C IN-OUT
CIN-OUT
VC =GND
VCC
VCC (OFF) CIN/OUT GND CIN/OUT
Rev.2, Oct. 2001, page 12 of 14
HD74ALVC2G53
Package Dimensions
2.0 0.2 1.5 0.2 (0.5) (0.5) (0.5)
As of July, 2001
Unit: mm
(0.4) 2.3 0.1 3.1 0.3
0 - 0.1
8 - 0.2 - 0.05
+ 0.1
(0.17)
0.7 0.1 (0.4)
Hitachi Code JEDEC JEITA Mass (reference value)
TTP-8DB 0.010 g
Rev.2, Oct. 2001, page 13 of 14
0.13 - 0.05
+ 0.1
HD74ALVC2G53
Disclaimer
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Sales Offices
Hitachi, Ltd.
Semiconductor & Integrated Circuits Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: (03) 3270-2111 Fax: (03) 3270-5109
URL
http://www.hitachisemiconductor.com/
For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe Ltd. Electronic Components Group Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 585200 Hitachi Europe GmbH Electronic Components Group Dornacher Strae 3 D-85622 Feldkirchen Postfach 201, D-85619 Feldkirchen Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Asia Ltd. Hitachi Tower 16 Collyer Quay #20-00 Singapore 049318 Tel : <65>-538-6533/538-8577 Fax : <65>-538-6933/538-3877 URL : http://semiconductor.hitachi.com.sg Hitachi Asia Ltd. (Taipei Branch Office) 4/F, No. 167, Tun Hwa North Road Hung-Kuo Building Taipei (105), Taiwan Tel : <886>-(2)-2718-3666 Fax : <886>-(2)-2718-8180 Telex : 23222 HAS-TP URL : http://www.hitachi.com.tw Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower World Finance Centre, Harbour City, Canton Road Tsim Sha Tsui, Kowloon Hong Kong Tel : <852>-(2)-735-9218 Fax : <852>-(2)-730-0281 URL : http://semiconductor.hitachi.com.hk
Copyright (c) Hitachi, Ltd., 2001. All rights reserved. Printed in Japan.
Colophon 5.0
Rev.2, Oct. 2001, page 14 of 14


▲Up To Search▲   

 
Price & Availability of HD74ALVC2G53

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X